Part Number Hot Search : 
0S2ZE 85042 1620C G1962 015020 PST993K STRPB 0G471
Product Description
Full Text Search
 

To Download MC100LVEL29 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
Dual Differential Data and Clock D Flip-Flop With Set and Reset
MC100LVEL29 MC100EL29
The MC100LVEL29 is a dual master-slave flip flop. The device features fully differential Data and Clock inputs as well as outputs. The MC100EL29 is pin and functionally equivalent to the MC100LVEL29 but is specified for operation at the standard 100E ECL voltage supply. A VBB output is provided for AC coupling, refer to the interfacing section of the ECLinPS Data Book (DL140) for more information on AC coupling ECL signals. Data enters the master latch when the clock is LOW and transfers to the slave upon a positive transition on the clock input. The differential inputs have special circuitry which ensures device stability under open input conditions. When both differential inputs are left open the D input will pull down to VEE and the D input will bias around VCC/2. The outputs will go to a defined state, however the state will be random based on how the flip flop powers up. Both flip flops feature asynchronous, overriding Set and Reset inputs. Note that the Set and Reset inputs cannot both be HIGH simultaneously.
20 1
DW SUFFIX PLASTIC SOIC PACKAGE CASE 751D-04
* 1100MHz Flip-Flop Toggle Frequency * 20-lead SOIC Package * 580ps Propagation Delays
TRUTH TABLE Logic Diagram and Pinout: 20-Lead SOIC (Top View)
R0 20 VCC 19 Q0 18 Q0 17 S0 16 S1 15 VCC 14 Q1 13 Q1 12 VEE 11
R L L H L H
S L L L H H
D L H X X X
CLK Z Z X X X
Q L H L H Undef
Q H L H L Undef
Q R D
Q S CLK S
Q D
Q R CLK
Z = LOW to HIGH Transition PIN NAMES
Pins Function Data Inputs Reset Inputs Clock Inputs Set Inputs
1 D0
2 D0
3
4
5
6 D1
7
8
9
10
CLK0 CLK0 VBB
D1 CLK1
CLK1 R1
D0-D1 R0-R1 CLK0-CLK1 S0-S1
MC100LVEL29 DC CHARACTERISTICS (VEE = -3.0V to -3.8V; VCC = GND)
-40C Symbol IEE VBB IIH IIL Characteristic Power Supply Current Output Reference Voltage Input HIGH Current Input LOW Current Dn Inputs Dn Inputs 0.5 -300 -1.38 Min Typ 35 Max 50 -1.26 150 0.5 -300 -1.38 Min 0C Typ 35 Max 50 -1.26 150 0.5 -300 -1.38 Min 25C Typ 35 Max 50 -1.26 150 0.5 -300 -1.38 Min 85C Typ 35 Max 50 -1.26 150 Unit mA V A A
7/95
(c) Motorola, Inc. 1996
4-1
REV 1
MC100LVEL29 MC100EL29
MC100LVEL29 AC CHARACTERISTICS (VEE = -3.0V to -3.8V; VCC = GND)
-40C Symbol fMAX tPLH tPHL tS tH tRR tPW VPP VCMR1 Characteristic Maximum Toggle Frequency Propagation Delay to Output Setup Time Hold Time Set/Reset Recovery Minimum Pulse Width CLK, Set, Reset Minimum Input Swing Common VPP<500mV Mode RangeVPP500mV CLK S, R Min 1.1 480 480 0 100 100 400 150 -2.0 -1.8 -0.4 -0.4 680 700 Typ Max Min 1.1 490 490 0 100 100 400 150 -2.1 -1.9 -0.4 -0.4 690 710 0C Typ Max Min 1.1 500 500 0 100 100 400 150 -2.1 -1.9 -0.4 -0.4 700 720 25C Typ Max Min 1.1 520 520 0 100 100 400 150 -2.1 -1.9 -0.4 -0.4 720 740 85C Typ Max Unit GHz ps ps ps ps mV V
tr Output Rise/Fall Times Q 280 550 280 550 280 550 280 550 ps tf (20% - 80%) 1. The CMR range is referenced to the most positive side of the differential input signal. Normal operation is obtained if the HIGH level falls within the specified range and the peak-to-peak voltage lies between VPPmin and 1V. The lower end of the CMR range varies 1:1 with VEE. The numbers in the spec table assume a nominal VEE = -3.3V. Note for PECL operation, the VCMR(min) will be fixed at 3.3V - |VCMR(min)|.
MC100EL29 DC CHARACTERISTICS (VEE = -4.2V to -5.5V; VCC = GND)
-40C Symbol IEE VBB IIH IIL Characteristic Power Supply Current Output Reference Voltage Input HIGH Current Input LOW Current Dn Inputs Dn Inputs 0.5 -300 -1.38 Min Typ 35 Max 50 -1.26 150 0.5 -300 -1.38 Min 0C Typ 35 Max 50 -1.26 150 0.5 -300 -1.38 Min 25C Typ 35 Max 50 -1.26 150 0.5 -300 -1.38 Min 85C Typ 35 Max 50 -1.26 150 Unit mA V A A
MC100EL29 AC CHARACTERISTICS (VEE = -4.2V to -5.5V; VCC = GND)
-40C Symbol fMAX tPLH tPHL tS tH tRR tPW VPP VCMR1 Characteristic Maximum Toggle Frequency Propagation Delay to Output Setup Time Hold Time Set/Reset Recovery Minimum Pulse Width CLK, Set, Reset Minimum Input Swing Common VPP<500mV Mode RangeVPP500mV CLK S, R Min 1.1 480 480 0 100 100 400 150 -3.2 -3.0 -0.4 -0.4 680 700 Typ Max Min 1.1 490 490 0 100 100 400 150 -3.3 -3.1 -0.4 -0.4 690 710 0C Typ Max Min 1.1 500 500 0 100 100 400 150 -3.3 -3.1 -0.4 -0.4 700 720 25C Typ Max Min 1.1 520 520 0 100 100 400 150 -3.3 -3.1 -0.4 -0.4 720 740 85C Typ Max Unit GHz ps ps ps ps mV V
tr Output Rise/Fall Times Q 280 550 280 550 280 550 280 550 ps tf (20% - 80%) 1. The CMR range is referenced to the most positive side of the differential input signal. Normal operation is obtained if the HIGH level falls within the specified range and the peak-to-peak voltage lies between VPPmin and 1V. The lower end of the CMR range varies 1:1 with VEE. The numbers in the spec table assume a nominal VEE = -4.5V. Note for PECL operation, the VCMR(min) will be fixed at 5.0V - |VCMR(min)|.
MOTOROLA
4-2
ECLinPS and ECLinPS Lite DL140 -- Rev 3
MC100LVEL29 MC100EL29
OUTLINE DIMENSIONS
DW SUFFIX PLASTIC SOIC PACKAGE CASE 751D-04 ISSUE E
-A -
20 11 NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSIONS A AND B DO NOT INCLUDE MOLD PROTRUSION. 4. MAXIMUM MOLD PROTRUSION 0.150 (0.006) PER SIDE. 5. DIMENSION D DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.13 (0.005) TOTAL IN EXCESS OF D DIMENSION AT MAXIMUM MATERIAL CONDITION. DIM A B C D F G J K M P R MILLIMETERS MIN MAX 12.65 12.95 7.40 7.60 2.35 2.65 0.35 0.49 0.50 0.90 1.27 BSC 0.25 0.32 0.10 0.25 0 7 10.05 10.55 0.25 0.75 INCHES MIN MAX 0.499 0.510 0.292 0.299 0.093 0.104 0.014 0.019 0.020 0.035 0.050 BSC 0.010 0.012 0.004 0.009 0 7 0.395 0.415 0.010 0.029
-B -
1 10
P 10 PL 0.010 (0.25)
M
B
M
D
20 PL
J
M
0.010 (0.25)
T
A
S
B
S
F R X 45 C -T G
18 PL SEATING - PLANE
K
M
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. "Typical" parameters which may be provided in Motorola data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. Motorola does not convey any license under its patent rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part. Motorola and are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer. How to reach us: USA/EUROPE/Locations Not Listed: Motorola Literature Distribution; P.O. Box 20912; Phoenix, Arizona 85036. 1-800-441-2447 or 602-303-5454 MFAX: RMFAX0@email.sps.mot.com - TOUCHTONE 602-244-6609 INTERNET: http://Design-NET.com
JAPAN: Nippon Motorola Ltd.; Tatsumi-SPD-JLDC, 6F Seibu-Butsuryu-Center, 3-14-2 Tatsumi Koto-Ku, Tokyo 135, Japan. 03-81-3521-8315 ASIA/PACIFIC: Motorola Semiconductors H.K. Ltd.; 8B Tai Ping Industrial Park, 51 Ting Kok Road, Tai Po, N.T., Hong Kong. 852-26629298
ECLinPS and ECLinPS Lite DL140 -- Rev 3 4-3
*MC100LVEL29/D*
MC100LVEL29/D MOTOROLA


▲Up To Search▲   

 
Price & Availability of MC100LVEL29

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X